PART |
Description |
Maker |
R65C02P2 R65C02P4M R65C102P4M R65C02P1 R65C02P1E R |
MICROPROCESSORS(CPU) 微处理器(CPU)的 Twinaxial Cable; Impedance:150ohm; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Conductor Plating:Tin; Jacket Color:Black RoHS Compliant: Yes 微处理器(CPU)的
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Manufac...
|
ST62E30BF1 ST6230BM1/XXX ST62P30BM3/XXX ST62P30BM6 |
MICROCONTROLLER|8-BIT|ST6200 CPU|CMOS|DIP|28PIN|CERAMIC MICROCONTROLLER|8-BIT|ST6200 CPU|CMOS|SOP|28PIN|PLASTIC IC, 60FBGA, 512MBIT DDR DRAM 60 PIN BGA 32MBX16 MICROCONTROLLER|8-BIT|ST6200 CPU|CMOS|DIP|28PIN|PLASTIC IC, MEM, SDRAM DDR166, 32 MEG X 16, 16 BIT, 6NS, 2.5V, FBGA60 单片机| 8位| ST6200的CPU |的CMOS |专科| 28脚|塑料
|
Black Box, Corp.
|
HD6435348F6 HD6475368CP10 HD6475368F8 HD6475368F6 |
IC,MICROCONTROLLER,16-BIT,H8/500 CPU,CMOS,LDCC,84PIN,PLASTIC IC,MICROCONTROLLER,16-BIT,H8/500 CPU,CMOS,QFP,80PIN,PLASTIC IC,MICROCONTROLLER,16-BIT,H8/500 CPU,CMOS,LLCC,84PIN,CERAMIC From old datasheet system
|
Hitachi America
|
HD6303YRP HD63B03YRP |
IC-8-BIT CMOS CPU-1MHZ IC-8-BIT CMOS CPU-2MHZ 集成电路8位CMOS CPUMHz
|
Panasonic Industrial Solutions
|
PT2270 PT2270-L2-S PT2270-L2 PT2270-L3 PT2270-L3-S |
HEATSINK CPU 28MM SQBLK W/O TAPE HEATSINK CPU 28MM SQ BLK W/TAPE Remote Control Decoder 遥控解码
|
http:// Princeton Technology Corporation Princeton Technology, Corp.
|
CY28323 CY28323PVC |
FTG for Intel® Pentium® 4 CPU and Chipsets FTG for Intel㈢ Pentium㈢ 4 CPU and Chipsets
|
Cypress Semiconductor
|
P51XAS30KBBD P51XAS30KBBA P51XAS33KBBA |
MICROCONTROLLER,16-BIT,XA CPU,CMOS,QFP,80PIN,PLASTIC MICROCONTROLLER,16-BIT,XA CPU,CMOS,LDCC,68PIN,PLASTIC From old datasheet system
|
Philips Semiconductors
|
EP8203-HL EP8200-HL EP8214-HL EP8209-HL EPA073HL-3 |
CPU Supervisor with 4k SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 4k SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-MSOP CPU Supervisor with 4k SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 14-TSSOP CPU Supervisor with 4k SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC Tapped Delay Line Quad Digitally Controlled Potentiometers (XDCP); Temperature Range: -40°C to 85°C; Package: 24-TSSOP Quad Digitally Controlled Potentiometers (XDCP); Temperature Range: 0°C to 70°C; Package: 24-SOIC CPU Supervisor with 4k SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC CPU Supervisor with 4k SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP Dual Digitally Controlled Potentiometers (XDCPs); Temperature Range: -40°C to 85°C; Package: 14-TSSOP RTC Module With CPU Supervisor 时钟模块CPU监控
|
3M Company
|
TN80C198 TS80C198 S80C198 N80C198 |
MICROCONTROLLER,16-BIT,8096 CPU,CMOS,LDCC,52PIN,PLASTIC MICROCONTROLLER,16-BIT,8096 CPU,CMOS,QFP,80PIN,PLASTIC From old datasheet system
|
Intel Corp
|
SOM-5760 SOM-5760-S1A1E SOM-5760-S6A1E |
Intel? Atom SCH US15W XL COM-Express CPU Module Intel? Atom?/a> SCH US15W XL COM-Express CPU Module Intel垄莽 Atom垄芒 SCH US15W XL COM-Express CPU Module
|
Advantech Co., Ltd.
|
ADP3207DJCPZ-RL ADP3207D |
7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck 7-Bit Programmable, Multiphase Mobile, CPU Synchronous Buck Controller SWITCHING CONTROLLER, QCC40
|
ON Semiconductor
|
CE-B1476 |
Half Half-size 486 ISA size 486 ISA-bus CPU Card bus CPU Card with 8M on with 8M on-board DRAM/ VGA/LCD and D.O.C. board DRAM/ VGA/LCD and D.O.C. Half Half-size 486 ISA size 486 ISA-bus CPU Card bus CPU Card with 8M on with 8M on-board DRAM, VGA/LCD and D.O.C. board DRAM, VGA/LCD and D.O.C. 一半大小的ISA 486尺寸486 ISA总线CPU卡总线的CPU卡,800万与800万板上内存,显卡/液晶显示板的DRAM和DOC,显液晶显示器和DOC
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
|